Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R 1M Datasheet (PDF) - Omron Electronics LLC

EE-1010-R 1M Datasheet PDF - Omron Electronics LLC
Part # EE-1010-R 1M
Download  EE-1010-R 1M Download
File Size   1778.2 Kbytes
Page   12 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Slot-type Photomicrosensor (Non-modulated)

EE-1010-R 1M Datasheet (PDF)

Go To PDF Page Download Datasheet
EE-1010-R 1M Datasheet PDF - Omron Electronics LLC

Part # EE-1010-R 1M
Download  EE-1010-R 1M Click to download

File Size   1778.2 Kbytes
Page   12 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Slot-type Photomicrosensor (Non-modulated)

EE-1010-R 1M Datasheet (HTML) - Omron Electronics LLC


EE-1010-R 1M Product details

Global Standard Slot-type photomicrosensors with 50- to 100-mA direct switching capacity.
• Series includes models that enable switching between dark-ON and light-ON operation.
• Response frequency as high as 1 kHz.
• Easy operation monitoring with bright light indicator.
• Wide operating voltage range: 5 to 24 VDC
• Models in which the light indicator turns ON for dark-ON operation are also available.
• A wide range of variations in eight different shapes.
• Flexible robot cable is provided as a standard feature.




Similar Part No. - EE-1010-R 1M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-1010-R OMRON-EE-1010-R Datasheet
430Kb / 7P
Reflective Photomicrosensor with Sensitivity Adjuster
EE-1010-R OMRON-EE-1010-R Datasheet
365Kb / 5P
Accurately detects objects placed in front of shiny Background.
EE-1010-R-1M OMRON-EE-1010-R-1M Datasheet
282Kb / 5P
A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
EE-1010-R-2M OMRON-EE-1010-R-2M Datasheet
282Kb / 5P
A Wide Slot Width of 13 mm and Superior Resistance to Light Interference and Noise.
EE-1010-R2M OMRON-EE-1010-R2M Datasheet
2Mb / 38P
Sensor connectors, reflectors, mounting brackets, accessories
More results


Similar Description - EE-1010-R 1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SX493 ETC-SX493 Datasheet
66Kb / 2P
Photomicrosensor
logo
Omron Electronics LLC
EE-SX1088 OMRON-EE-SX1088 Datasheet
233Kb / 4P
Photomicrosensor
EE-SPY402 OMRON-EE-SPY402 Datasheet
675Kb / 7P
Slot-type Reflective Photomicrosensor
EE-SX911P-R1M OMRON-EE-SX911P-R1M Datasheet
603Kb / 9P
Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SX675 OMRON-EE-SX675 Datasheet
470Kb / 9P
Slot-type Photomicrosensor (Non-modulated)
EE-SX772 OMRON-EE-SX772 Datasheet
424Kb / 6P
Photomicrosensor with Slim Cable (Non-modulated)
EE-SPX-W OMRON-EE-SPX-W Datasheet
212Kb / 3P
Slot-type Photomicrosensor with Cable
EE-SPY30 OMRON-EE-SPY30 Datasheet
675Kb / 7P
Slot-type Reflective Photomicrosensor
2012.8
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
Built-in Photomicrosensor Connector Type
EE-SX95 OMRON-EE-SX95 Datasheet
1Mb / 8P
Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
2013-2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com